|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
c/a-3580x 1.4 inch, 5 x 8 dot matrix display part no. chip electro-optical characteristics vf(v)20ma iv(ucd)10ma shape common cathode common anode raw material emitted color wave length p(nm) typ. max. typ. fig. no. c-3580h A-3580H gap red 700 2.1 2.8 700 c-3580e a-3580e gaasp/gap hi.effi red 635 2.0 2.8 3000 c-3580g a-3580g gap green 565 2.1 2.8 2800 c-3580y a-3580y gaasp/gap yellow 585 2.1 2.8 2800 c-3580sr a-3580sr gaalas super red 660 1.8 2.4 8000 d87 fig.d87 1.all dimension are in millimeters (inches). 2.tolerance is 0.25 mm (0.01?) unless otherwise specified.
|
Price & Availability of A-3580H |